Part Number Hot Search : 
01502 312D5WFR SUPER 4050N UPC1225 W9825G SD550YT SGM300N
Product Description
Full Text Search
 

To Download IXFR24N100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2002 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 1000 v v dgr t j = 25 c to 150 c; r gs = 1 m ? 1000 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25 c22a i dm t c = 25 c, note 1 96 a i ar t c = 25 c24a e ar t c = 25 c60mj e as t c = 25 c3j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss 5 v/ns t j 150 c, r g = 2 ? p d t c = 25 c 400 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.063 in.) from case for 10 s 300 c v isol 50/60 hz, rms t = 1 min 2500 v~ weight 5 g symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 3ma 1000 v v gs(th) v ds = v gs , i d = 8ma 2.5 5.0 v i gss v gs = 20 v, v ds = 0 100 na i dss v ds = v dss t j = 25 c 100 a v gs = 0 v t j = 125 c 2 ma r ds(on) v gs = 10 v, i d = 24a 0.39 ? note 1 single mosfet die 98599-a (8/02) isoplus 247 tm g d hiperfet tm power mosfets isoplus247 tm (electrically isolated back surface) features z silicon chip on direct-copper-bond substrate - high power dissipation - isolated mounting surface - 2500v electrical isolation z low drain to tab capacitance(<30pf) z low r ds (on) hdmos tm process z rugged polysilicon gate cell structure z unclamped inductive switching (uis) rated z fast intrinsic rectifier applications z dc-dc converters z battery chargers z switched-mode and resonant-mode power supplies z dc choppers z ac motor control advantages z easy assembly z space savings z high power density g = gate d = drain s = source * patent pending isolated back surface* v dss = 1000 v i d25 = 22 a r ds(on) = 0.39 ? ? ? ? ? t rr 250 ns ixfr 24n100
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 24a note 2 15 22 s c iss 7000 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 750 pf c rss 260 pf t d(on) 35 ns t r v gs = 10 v, v ds = 0.5 ? v dss , i d = 24a 35 ns t d(off) r g = 1 ? (external), 75 ns t f 21 ns q g(on) 250 nc q gs v gs = 10 v, v ds = 0.5 ? v dss , i d = 24a 55 nc q gd 135 nc r thjc 0.30 k/w r thck 0.15 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 24 a i sm repetitive; 96 a pulse width limited by t jm v sd i f = i s , v gs = 0 v, note 1 1.5 v t rr 250 ns q rm 1.0 c i rm 8a i f = i s ,-di/dt = 100 a/ s, v r = 100 v note: 1. pulse width limited by t jm 2. pulse test, t 300 s, duty cycle d 2 % ixfr 24n100 isoplus 247 outline


▲Up To Search▲   

 
Price & Availability of IXFR24N100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X